Part Number Hot Search : 
2N3096 32M10 MP1004 K1300E70 2N2905 BU4052BF DPF1500 1N4739AG
Product Description
Full Text Search
 

To Download BR10005-BR1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR10/15/25/35/50A SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT - 50 to 1000Volts - 10/15/25/35/50 Amperes BR
METAL HEAT SINK .442(11.23) .424(10.77) .925(23.5) .886(22.5) 0.94 (2.4) diam .254(6.45) .242(6.15) 1.133(28.8) 1.114(28.3) .661(16.8) .648(16.4)
FEATURES
Surge overload -240~500amperes peak Low forward voltage drop Mounting position: Any Electrically isolated base -2000 Volts Solderable 0.25" FASTON terminals Materials used carries U/L recognition
.035(0.9) .028(0.7) Hole for No.8 screw 193"(4.9)diam
.720(18.3) .705(17.9)
.661(16.8) .648(16.4) 1.133(28.8) 1.114(28.3)
.571(14.5) .555(14.1)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60HZ. For capacitive load current by 20%
BR 10005 BR 1001 1501 2501 3501 5001 100 70 10 BR 10 240 BR 15 BR 1002 1502 2502 3502 5002 200 140 15 300 BR 25 BR 1004 1504 2504 3504 5004 400 280 25 400 BR 35 BR 1006 1506 2506 3506 5006 600 420 BR 1008 1508 2508 3508 5008 800 560 35 400 BR 50 BR 1010 1510 2510 3510 5010 1000 700 50 500 V V A UNIT
CHARACTERISTICS
SYMBOL
15005 25005 35005 50005
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Rang Storage Temperature Rang @TA=25 @Tc=55
VRRM VRMS I(AV)
50 35
IFSM
A
VF IR TJ TSTG
1.1 10.0 -55 to +125 -55 to +125
V A
~ 363 ~
RATING AND CHARACTERISTIC CURVES BR10/15/25/35/50A SERIES
FIG.1-MAXIMUM FORWARD SURGE CURRENT 600 PEAK FORWARD SURGE CURRENT , AMPERES
BR50
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT , AMPERES 50 40
BR35
500
BR25/35
BR50
400
BR15
300 200 100
BR10
30 20
BR25
10
BR15 BR10
0 1 10 NUMBER OF CYCLES AT 60Hz 100
0
50
100
150
CASE TEMPERATURE,C
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT ,(A)
BR35/50 BR15 BR25 BR10
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
0.1
0.1
0.01 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 364 ~


▲Up To Search▲   

 
Price & Availability of BR10005-BR1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X